Part Number Hot Search : 
CO4580 SB630DC 1N3042TR ISL62 F3330 1N3045B 1N4753A 0N1TR
Product Description
Full Text Search
 

To Download TDA5145TS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA5145TS Brushless DC motor drive circuit
Product specification File under Integrated Circuits, IC11 1998 Oct 27
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
FEATURES * Full-wave commutation (using push-pull drivers at the output stages) without position sensors * Built-in start-up circuitry * Three push-pull outputs: - Output current 2.0 A (typ.) - Built-in current limiter - Soft-switching outputs for low Electromagnetic Interference (EMI). * Thermal protection * Flyback diodes * Motor brake facility * Direction control input * Reset function. QUICK REFERENCE DATA Measured over full voltage and temperature range. SYMBOL VP Vi(VMOT) VDO ILIM Notes 1. An unstabilized supply can be used. 2. VVMOT = VP; all outputs Io = 0 mA. ORDERING INFORMATION TYPE NUMBER TDA5145TS PACKAGE NAME SSOP24 DESCRIPTION plastic shrink small outline package; 24 leads; body width 5.3 mm PARAMETER supply voltage input voltage to the output driver stages drop-out output voltage current limiting note 1 note 2 Io = 100 mA VVMOT = 10 V; Ro = 1.2 CONDITIONS 4 1.7 - 1.8 MIN. - - 0.90 2.0 TYP. GENERAL DESCRIPTION APPLICATIONS
TDA5145TS
* General purpose spindle driver e.g.: - Hard disk drive - Tape drive - Optical disk drive.
The TDA5145TS is a bipolar integrated circuit used to drive 3-phase brushless DC motors in full-wave mode. The device is sensorless (saving of 3 hall-sensors) using the back EMF sensing technique to sense the rotor position. It includes bidirectional control, brake function and has a special circuit built-in to reduce the EMI (soft-switching output stages).
MAX. 18 16 1.05 2.5
UNIT V V V A
VERSION SOT340-1
1998 Oct 27
2
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
BLOCK DIAGRAM
TDA5145TS
handbook, full pagewidth
BRAKE 8 BRAKE
RESET 18 RESET
VMOT 6, 7
CAP-ST
14
START-UP OSCILLATOR
DH
PUSH/PULL FLYBACK 1, 2 MOT1
CAP-DC CAP-CD
13 12
ADAPTIVE COMMUTATION DELAY
DL
OUTPUT DRIVER STAGE 1
TEST
3
THERMAL PROTECTION
TIMING
COMMUTATION LOGIC OUTPUT DRIVER STAGE 2 4, 5 MOT2
CAP-TI
15
DIR
9
DIRECTION CONTROL
OUTPUT DRIVER STAGE 3
20, 21 MOT3
TDA5145TS
22 EMF COMPARATORS 10 GND2 23, 24 GND1 11
MGR391
MOT0
VP
Fig.1 Block diagram.
1998 Oct 27
3
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
PINNING SYMBOL MOT1 MOT1 TEST MOT2 MOT2 VMOT VMOT BRAKE PIN 1 2 3 4 5 6 7 8 DESCRIPTION driver output 1 driver output 1 test input/output driver output 2 driver output 2 input voltage for the output driver stages input voltage for the output driver stages brake input; this pin may not be left floating, a LOW-level voltage must be applied to disable this function direction control input; this pin may not be left floating ground supply return for control circuits supply voltage external capacitor connection for adaptive communication delay timing external capacitor connection for adaptive communication delay timing copy external capacitor connection for start-up oscillator external capacitor connection for timing not connected not connected reset input; this pin may not be left floating, a LOW-level voltage must be applied to disable this function not connected driver output 3 driver output 3 input from the star point of the motor coils ground (0 V) motor supply return for output stages ground (0 V) motor supply return for output stages
handbook, halfpage
TDA5145TS
MOT1 1 MOT1 2 TEST 3 MOT2 4 MOT2 5 VMOT 6
24 GND1 23 GND1 22 MOT0 21 MOT3 20 MOT3 19 n.c.
TDA5145TS
VMOT 7 BRAKE 8 DIR 9 GND2 10 VP 11 CAP-CD 12
MGR392
18 RESET 17 n.c. 16 n.c. 15 CAP-TI 14 CAP-ST 13 CAP-DC
DIR GND2 VP CAP-CD
9 10 11 12
Fig.2 Pin configuration.
CAP-DC
13
FUNCTIONAL DESCRIPTION The TDA5145TS offers a sensorless 3-phase motor drive function. It is unique in its combination of sensorless motor drive and full-wave drive. The TDA5145TS offers protected outputs capable of handling high currents and can be used with star or delta connected motors. It can easily be adapted for different motors and applications. The TDA5145TS offers the following features: * Sensorless commutation by using the motor EMF * Built-in start-up circuit * Optimum commutation, independent of motor type or motor loading * Built-in flyback diodes * Three phase full-wave drive * High output current (2.0 A) * Outputs protected by current limiting and thermal protection of each output transistor * Low current consumption by adaptive base-drive * Soft-switching pulse output for low radiation * Direction of rotation controlled by one pin * Brake function.
CAP-ST CAP-TI n.c. n.c. RESET
14 15 16 17 18
n.c. MOT3 MOT3 MOT0 GND1 GND1
19 20 21 22 23 24
1998 Oct 27
4
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VP VI(n) VI(VMOT) VO VI(n1) Tstg Tamb Ptot Ves HANDLING PARAMETER supply voltage input voltage; all pins except VMOT VMOT input voltage output voltage MOT0, MOT1, MOT2 and MOT3 input voltage CAP-ST, CAP-TI, CAP-CD and CAP-DC storage temperature operating ambient temperature total power dissipation electrostatic handling see Fig. 3 see Chapter "Handling" VI < 18 V CONDITIONS - -0.3 -0.5 -1 - -55 0 - - MIN. 18
TDA5145TS
MAX. V V V V V VP + 0.5 +17 VVMOT + VdFD 2.5 +150 +70 - 2000
UNIT
C C W V
Every pin withstands the ESD test according to "MIL-STD-883C class 2". Method 3015 (HBM 1500 ; 100 pF) 3 pulses positive and 3 pulses negative on each pin referenced to ground.
handbook, halfpage
2
MGL529
Ptot (W)
1.00
1
0.57
0 -50
0
50
70
100
150 200 Tamb (C)
Fig.3 Power derating curve.
1998 Oct 27
5
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
CHARACTERISTICS VP = 14.5 V; Tamb = 25 C; unless otherwise specified. SYMBOL Supply VP IP Vi(VMOT) supply voltage supply current input voltage to the output driver stages note 1 note 2 see Fig.1 4 - 1.7 - 6.8 - PARAMETER CONDITIONS MIN. TYP.
TDA5145TS
MAX.
UNIT
18 7.8 16
V mA V
Thermal protection TSD T local temperature at temperature sensor causing shut-down reduction in temperature before switch-on after shut-down 130 - 140 TSD - 30 150 - C K
MOT0; centre tap Vi Ibias VCSW VCSW Vhys VDO Vsat(lt) Vsat(ut) ILIM tr tf VdF(DH) VdF(DL) IdM DIR VIH VIL IIL IIH HIGH-level input voltage LOW-level input voltage LOW-level input current HIGH-level input current 4 V < VP < 18 V 4 V < VP < 18 V 2.0 - - - - - -20 20 - 0.8 - - V V A A input voltage input bias current comparator switching level variation in comparator switching levels comparator input hysteresis note 3 -0.5 0.5 V < Vi < VVMOT - 1.5 V -10 20 - - - - - - 1.8 5 10 - -1.5 - - - 25 - 75 VVMOT - 30 3 - V A mV mV V
MOT1, MOT2 and MOT3; see Fig.4 drop-out output voltage variation in saturation voltage between lower transistors variation in saturation voltage between upper transistors current limiting rise time switching output fall time switching output diode forward voltage (diode DH) diode forward voltage (diode DL) peak diode current Io = 100 mA Io = 1000 mA Io = 100 mA Io = -100 mA VVMOT = 10 V; Ro = 1.2 VVMOT = 15 V; see Fig.5 VVMOT = 15 V; see Fig.5 Io = -500 mA; notes 4 and 5; see Fig.1 Io = 500 mA; notes 4 and 5; see Fig.1 note 5 0.9 1.6 - - 2.0 10 15 - - - 1.05 1.85 180 180 2.5 15 20 1.5 - 2.5 V V mV mV A s s V V A
1998 Oct 27
6
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5145TS
SYMBOL RESET VIH VIL IIL IIH BRAKE VIH VIL IIL IIH CAP-ST Io(sink) Io(source) VswL VswH CAP-TI Io(sink) Io(source) VswL VswM VswH CAP-CD Io(sink) Io(source) Isink/Isource VIL VIH CAP-DC Io(sink) Io(source) Isink/Isource VIL VIH
PARAMETER
CONDITIONS
MIN. - -
TYP. -
MAX.
UNIT
HIGH-level input voltage LOW-level input voltage LOW-level input current HIGH-level input current
reset mode; 4 V < VP < 18 V normal mode; 4 V < VP < 18 V Vi = 2.0 V Vi = 0.8 V brake mode; 4 V < VP < 18 V normal mode; 4 V < VP < 18 V Vi = 2.0 V Vi = 0.8 V
2.0 - - -
V V A A
0.8 - - - 0.8 - -
-20 20 - - -20 20
HIGH-level input voltage LOW-level input voltage LOW-level input current HIGH-level input current
2.0 - - -
V V A A A A V V A A A mV V V A A mV V A A mV V
output sink current output source current LOW-level switching voltage HIGH-level switching voltage
1.5 -2.5 - - - 0.2 V < VCAP-TI < 0.3 V 0.3 V < VCAP-TI < 2.2 V - - - - -
2.0 -2.0 0.20 2.20
2.5 -1.5 - - - - - - - -
output sink current output source current LOW-level switching voltage MIDDLE-level switching voltage HIGH-level switching voltage
28 -57 -5 50 0.30 2.20
output sink current output source current ratio of sink to source current LOW-level input voltage HIGH-level input voltage
10.6 -5.3 1.85 850 2.3
16.2 -8.1 2.05 875 2.4
22 -11 2.25 900 2.55
output sink current output source current ratio of sink to source current LOW-level input voltage HIGH-level input voltage
10.1 -20.9 0.9 850 2.3
15.5 -15.5 1.025 875 2.4
20.9 -10.1 1.15 900 2.55
1998 Oct 27
7
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
Notes 1. An unstabilized supply can be used. 2. VVMOT = VP, all other inputs at 0 V; all outputs at VP; Io = 0 mA. 3. Switching levels with respect to MOT1, MOT2 and MOT3. 4. Drivers are in the high-impedance OFF-state. 5. The outputs are short-circuit protected by limiting the current and the IC temperature.
TDA5145TS
handbook, full pagewidth
hysteresis 75 V typ. back EMF signal VCSW VMOT0 VCSW
MGR381
MOT1, MOT2 and MOT3 comparator threshold voltages
Fig.4 Switching levels with respect to MOT1, MOT2 and MOT3.
handbook, halfpage 12.5 V
12.5 V
2.0 V tr tf
2.0 V
MGR382
Fig.5 Output transition time measurement.
1998 Oct 27
8
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
APPLICATION INFORMATION
TDA5145TS
handbook, full pagewidth
(1)
18 nF GND1 24 23 22 21 20 19 18 17 16 10 nF 15 220 nF 14 13
TDA5145TS
1 2 3 4 5 6 7 8 9 10 11 12 18 nF BRAKE DIR VMOT 10 F
MGR393
VP
(1) Value selected for 3 Hz start-up oscillator frequency.
Fig.6 Application diagram.
Introduction (see Fig.7) Full-wave driving of a three phase motor requires three push-pull output stages. In each of the six possible states two outputs are active, one sourcing (H) and one sinking (L). The third output presents a high impedance (Z) to the motor, which enables measurement of the motor back EMF in the corresponding motor coil by the EMF comparator at each output. The commutation logic is responsible for control of the output transistors and selection of the correct EMF comparator. The sequence of the six possible states of the outputs is given in Table 1. The zero-crossing in the motor EMF (detected by the comparator selected by the commutation logic) is used to calculate the correct moment for the next commutation, that is, the change to the next output state. The delay is calculated (depending on the motor loading) by the adaptive commutation delay block. Because of high inductive loading the output stages contain flyback diodes. The output stages are also protected by a current limiting circuit and by thermal protection of the six output transistors.
Table 1 Output states; note 1 STATE 1 2 3 4 5 6 Note 1. H = HIGH state; L = LOW state; Z = high-impedance OFF-state. The system will only function when the EMF voltage from the motor is present. Therefore, a start oscillator is provided that will generate commutation pulses when no zero-crossings in the motor voltage are available. A timing function is incorporated into the device for internal timing and for timing of the reverse rotation detection. MOT1 Z H H Z L L MOT2 L L Z H H Z MOT3 H Z L L Z H
1998 Oct 27
9
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
The TDA5145TS is designed for systems with low current consumption: use of I2L logic, adaptive base drive for the output transistors (patented). Adjustments The system has been designed in such a way that the tolerances of the application components are not critical. However, the approximate values of the following components must still be determined: * The start capacitor; this determines the frequency of the start oscillator. * The two capacitors in the adaptive commutation delay circuit; these are important in determining the optimum moment for commutation, depending on the type and loading of the motor. * The timing capacitor; this provides the system with its timing signals. THE START CAPACITOR (CAP-ST) This capacitor determines the frequency of the start oscillator. It is charged and discharged, with a current of 2 A, from 0.05 to 2.2 V and back to 0.05 V. The time taken to complete one cycle is given by: tstart = (2.15 x C) s (with C in F) The start oscillator is reset by a commutation pulse and so is only active when the system is in the start-up mode. A pulse from the start oscillator will cause the outputs to change to the next state (torque in the motor). If the movement of the motor generates enough EMF the TDA5145TS will run the motor. If the amount of EMF generated is insufficient, then the motor will move one step only and will oscillate in its new position. The amplitude of the oscillation must decrease sufficiently before the arrival of the next start pulse, to prevent the pulse arriving during the wrong phase of the oscillation. The oscillation of the motor is given by: 1 f osc = ---------------------------------Kt x I x p 2 ---------------------J where: Kt = torque constant (N.m/A) I = current (A) p = number of magnetic pole-pairs J = inertia J (kg.m2) Example: J = 72 x 10-6 kg.m2, Kt = 25 x 10-3 N.m/A, p = 6 and I = 0.5 A; this gives fosc = 5 Hz.
TDA5145TS
If the damping is high then a start frequency of 2 Hz can be chosen or t = 500 ms, thus C = 0.5/2 = 0.25 F (choose 220 nF). THE ADAPTIVE COMMUTATION DELAY (CAP-CD AND CAP-DC) In this circuit, capacitor CAP-CD is charged during one commutation period, with an interruption of the charging current during the diode pulse. During the next commutation period this capacitor (CAP-CD) is discharged at twice the charging current. The charging current is 8.1 A and the discharging current 16.2 A; the voltage range is from 0.9 to 2.2 V. The voltage must stay within this range at the lowest commutation frequency of interest, fC1: 6231 8.1 x 10 C = ------------------------- = ------------ (C in nF) f C1 f x 1.3 If the frequency is lower, then a constant commutation delay after the zero-crossing is generated by the discharge from 2.2 to 0.9 V at 16.2 A; maximum delay = (0.076 x C) ms (with C in nF) Example: nominal commutation frequency = 900 Hz and the lowest usable frequency = 400 Hz; thus: 6231 CAP-CD = ------------ = 15.6 (choose 18 nF) 400 The other capacitor, CAP-DC, is used to repeat the same delay by charging and discharging with 15.5 A. The same value can be chosen as for CAP-CD. Figure 8 illustrates typical voltage waveforms.
-6
1998 Oct 27
10
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5145TS
handbook, full pagewidth
BRAKE 8 BRAKE
RESET VMOT 18 RESET 6, 7 23, 24
TP D 220 nF 14 TN START-UP OSCILLATOR TN 18 nF D
13 12
ADAPTIVE COMMUNICATION DELAY COMMUNICATION LOGIC
TP D TN
18 nF
1, 2 4, 5 20, 21
TEST 10 nF
3
THERMAL PROTECTION
TIMING
TN
D MOTOR
15 TP D 10 DIRECTION CONTROL TN
TN
D
VP
11
TDA5145TS
22 GND2 GND1 9
MGR394
EMF COMPARATORS
DIR
Fig.7 Typical application of the TDA5145TS as a scanner driver.
1998 Oct 27
11
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5145TS
handbook, full pagewidth
voltage on CAP-CD
voltage on CAP-DC t
MGH317
Fig.8 CAP-CD and CAP-DC typical voltage waveforms in normal running mode.
THE TIMING CAPACITOR (CAP-TI) Capacitor CAP-TI is used for timing the successive steps within one commutation period; these steps include some internal delays. The most important function is the watchdog time in which the motor EMF has to recover from a negative diode pulse back to a positive EMF voltage (or vice versa). A watchdog timer is a guarding function that only becomes active when the expected event does not occur within a predetermined time. The EMF usually recovers within a short time if the motor is running normally (<>ms). A watchdog time must be chosen so that it is long enough for a motor without EMF (still) and eddy currents that may stretch the voltage in a motor winding; however, it must be short enough to detect reverse rotation. If the watchdog time is made too long, then the motor may run in the wrong direction (with little torque).
The capacitor is charged with a current of 57 A, from 0.2 to 0.3 V. Above this level it is charged with a current of 5 A, up to 2.2 V only if the selected motor EMF remains in the wrong polarity (watchdog function). At the end, or, if the motor voltage becomes positive, the capacitor is discharged with a current of 28 A. The watchdog time is the time taken to charge the capacitor with a current of 5 A, from 0.3 to 2.2 V. To ensure that the internal delays are covered CAP-TI must have a minimum value of 2 nF. For the watchdog function a value of 10 nF for CAP-TI is recommended. To ensure a good start-up and commutation, care must be taken that no oscillations occur at the trailing edge of the flyback pulse. Snubber networks at the outputs should be critically damped. Typical voltage waveforms are illustrated in Fig.9.
1998 Oct 27
12
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5145TS
handbook, full pagewidth
VMOT 1
voltage on CAP-TI
MGH318
If the chosen value of CAP-TI is too small oscillations can occur in certain positions of a blocked rotor. If the chosen value is too large, then it is possible that the motor may run in the reverse direction (synchronously with little torque).
Fig.9 Typical CAP-TI and VMOT1 voltage waveforms in normal running mode.
Other design aspects There are other design aspects concerning the application of the TDA5145TS besides the commutation function. They are: * Direction function * Brake function * Reliability. DIRECTION FUNCTION If the voltage at pin 9 is less than 0.8 V, the motor is running in one direction (depending on the motor connections). If the voltage at pin 9 is greater than 2.0 V, the motor is running in the opposite direction. BRAKE FUNCTION If the voltage at pin 8 is greater than 2.0 V, the motor brakes. In that condition, the 3 outputs MOT1, MOT2 and MOT3 are forced to a LOW voltage level and the current limitation is performed internally by the sink drivers.
RESET FUNCTION If the voltage at pin 18 is greater than 2.0 V, the output states are shown in Table 2. Table 2 Output states if VRESET > 2.0 V STATE(1) Z L H
DRIVER OUTPUT MOT1 MOT2 MOT3 Note
1. Z = high-impedance OFF-state; L = LOW state; H = HIGH state.
1998 Oct 27
13
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
Table 3 Switching sequence after a reset pulse; note 1 DIR H H H H H H H L L L L L L L Note 1. Z = high-impedance OFF-state; L = LOW state; H = HIGH state. Table 4 Priority of function; note 1 BRAKE L L L L H H H H Note 1. L = LOW state; H = HIGH state. RELIABILITY It is necessary to protect high current circuits and the output stages are protected in two ways: TEST L L H H L L H H RESET L H L H L H L H normal reset test test brake brake brake brake RESET H L L L L L L H L L L L L L MOT1 Z Z H H Z L L H H Z L L Z H MOT2 L L L Z H H Z L L L Z H H Z DIR H H Z L L Z H Z Z H H Z L L
TDA5145TS
FUNCTION reset normal direction mode sequence
reset reverse direction mode sequence
FUNCTION
* Current limiting of the `lower' output transistors. The `upper' output transistors use the same base current as the conducting `lower' transistor (+15%). This means that the current to and from the output stages is limited. * Thermal protection of the six output transistors is achieved by each transistor having a thermal sensor that is active when the transistor is switched on. The transistors are switched off when the ambient temperature becomes too high.
1998 Oct 27
14
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
PACKAGE OUTLINE SSOP24: plastic shrink small outline package; 24 leads; body width 5.3 mm
TDA5145TS
SOT340-1
D
E
A X
c y HE vMA
Z 24 13
Q A2 pin 1 index A1 (A 3) Lp L 1 e bp 12 wM detail X A
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 2.0 A1 0.21 0.05 A2 1.80 1.65 A3 0.25 bp 0.38 0.25 c 0.20 0.09 D (1) 8.4 8.0 E (1) 5.4 5.2 e 0.65 HE 7.9 7.6 L 1.25 Lp 1.03 0.63 Q 0.9 0.7 v 0.2 w 0.13 y 0.1 Z (1) 0.8 0.4 8 0o
o
Note 1. Plastic or metal protrusions of 0.20 mm maximum per side are not included. OUTLINE VERSION SOT340-1 REFERENCES IEC JEDEC MO-150AG EIAJ EUROPEAN PROJECTION
ISSUE DATE 93-09-08 95-02-04
1998 Oct 27
15
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (order code 9398 652 90011). Reflow soldering Reflow soldering techniques are suitable for all SSOP packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. Wave soldering Wave soldering is not recommended for SSOP packages. This is because of the likelihood of solder bridging due to closely-spaced leads and the possibility of incomplete solder penetration in multi-lead devices.
TDA5145TS
If wave soldering cannot be avoided, the following conditions must be observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow and must incorporate solder thieves at the downstream end. Even with these conditions, only consider wave soldering SSOP packages that have a body width of 4.4 mm, that is SSOP16 (SOT369-1) or SSOP20 (SOT266-1). During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Repairing soldered joints Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
1998 Oct 27
16
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
TDA5145TS
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1998 Oct 27
17
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
NOTES
TDA5145TS
1998 Oct 27
18
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
NOTES
TDA5145TS
1998 Oct 27
19
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 Internet: http://www.semiconductors.philips.com
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1998
SCA60
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
295102/750/01/pp20
Date of release: 1998 Oct 27
Document order number:
9397 750 04042


▲Up To Search▲   

 
Price & Availability of TDA5145TS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X